Part Number Hot Search : 
STRS5708 RF2642 Z5237 2GXXX TN4A60 2806061 TM100 DL4752
Product Description
Full Text Search
 

To Download 0908160010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/23/2010 please check www.molex.com for latest part information part number: 0908160010 status: active description: 1.27mm (.050") pitch picoflex? smt latched vertical header, 10 circuits, tin (sn) plating, black documents: 3d model product specification ps-99020-0011 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 90816 application wire-to-board product name picoflex? physical breakaway no circuits (loaded) 10 circuits (maximum) 10 color - resin black durability (mating cycles max) 5 first mate / last break no glow-wire compliant no guide to mating part yes keying to mating part n/a lock to mating part yes material - metal brass material - plating mating tin material - plating termination nickel material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.041 in pc tail length (mm) 1.05 mm pcb locator yes pcb retention none pcb thickness recommended (in) 0.063 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 3 polarized to mating part yes polarized to pcb yes shrouded partial stackable no surface mount compatible (smc) yes temperature range - operating -40c to +105c termination interface: style surface mount electrical current - maximum per contact 1.2a voltage - maximum 250v series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90816 series mates with 90327 picoflex? pf-50
material info reference - drawing numbers product specification ps-99020-0011 sales drawing sd-90816-001 this document was generated on 04/23/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0908160010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X